PART |
Description |
Maker |
XC5215-6HQ240C XC5215-6HQ208C XC5200-4PC84C XC5206 |
TV 6C 6#12 SKT RECP TV 6C 6#220 PIN RECP FPGA, 120 CLBS, 4000 GATES, 83 MHz, CPGA156 CTV 6C 6#22D PIN RECP 现场可编程门阵列 Field Programmable Gate Arrays 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 64 CLBS, 2000 GATES, 10 MHz, PQFP64 ARTESYN PART 现场可编程门阵列 Field Programmable Gate Arrays FPGA, 120 CLBS, 4000 GATES, 83 MHz, PQFP100 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP208 ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% FPGA, 324 CLBS, 10000 GATES, 83 MHz, PQFP208 Field Programmable Gate Arrays FPGA, 484 CLBS, 15000 GATES, 83 MHz, PQFP160 Field Programmable Gate Arrays FPGA, 324 CLBS, 10000 GATES, 83 MHz, CPGA223 Low-cost, register/latch rich, SRAM based
|
Xilinx, Inc. XILINX INC
|
XCV200 XCV100 XCV600 DS003-1 XCV1000 XCV400 XCV800 |
Virtex 2.5 V Field Programmable Gate Arrays Virtex?/a> 2.5 V Field Programmable Gate Arrays Fast, high-density Field-Programmable Gate Arrays
|
Xilinx, Inc http://
|
OR3T80 OR3C55 OR3C80 OR3T125 OR3T20 OR3T30 OR3T55 |
3C and 3T Field-Programmable Gate Arrays
|
AGERE[Agere Systems]
|
XC5215-4BG225C XC5215-4BG352C XC5215-4HQ208C XC521 |
Field Programmable Gate Arrays
|
XILINX[Xilinx, Inc]
|
XC5200-FPGAS XC5200-SERIES |
XC5200 FPGAs Field Programmable Gate Arrays
|
Xilinx
|
XCV812E-7FG556C XCV812E-7FG560I XCV812E-7FG560C XC |
Virtex-E 1.8 V Extended Memory Field Programmable Gate Arrays FPGA, 4704 CLBS, 254016 GATES, 400 MHz, PBGA900
|
Xilinx, Inc.
|
XCS30-4CS100I XCS05XL-4BG240I XCS05XL-4BG144I XCS0 |
Spartan and Spartan-XL Families Field Programmable Gate Arrays 斯巴达和Spartan - xL的家庭现场可编程门阵
|
Xilinx, Inc.
|
XCS05-3VQ100C XCS20XL |
From old datasheet system Spartan and Spartan-XL Families
Field Programmable Gate Arrays
|
XILINX
|
AT6010-2QC AT6010-2QI AT6003-2AC AT6003-2AI AT6002 |
Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Male RoHS Compliant: No Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:7; Connector Shell Size:16S; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Gender:Female RoHS Compliant: No SRAM-based Coprocessor Field Programmable Gate Arrays(FPGA基于静态RAM协处理器场可编程门阵 RESISTOR, METAL FILM, 8200 OHM, 5%, 6.3E-2W ER 2C 2#16S PIN RECP Product Description:DC-Coupled 3dB 50 Attenuator Circular Connector; No. of Contacts:3; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:16S; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No ER 2C 2316S PIN RECP AT6000(LV) Series [Updated 10/99. 28 Pages] AT6K FPGA ideal for use as re-configurable DSP Co-processors ER 5C 5#12 PIN RECP JT 28C 26#20 2#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:5; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Coprocessor Field Programmable Gate Arrays FPGA, 1600 CLBS, 9000 GATES, PQCC84 Coprocessor Field Programmable Gate Arrays FPGA, 6400 CLBS, 30000 GATES, PQFP144 Coprocessor Field Programmable Gate Arrays FPGA, 3136 CLBS, 15000 GATES, 250 MHz, PQFP100 Coprocessor Field Programmable Gate Arrays FPGA, 6400 CLBS, 30000 GATES, PQFP240 Coprocessor Field Programmable Gate Arrays FPGA, 3136 CLBS, 15000 GATES, PQFP132 ER 7C 7#16S SKT RECP FPGA, 1024 CLBS, 6000 GATES, 250 MHz, PQCC84 Coprocessor Field Programmable Gate Arrays FPGA, 1600 CLBS, 9000 GATES, PQFP132 MB 10C 10#20 SKT PLUG FPGA, 1600 CLBS, 9000 GATES, PQFP144 FPGA, 1024 CLBS, 6000 GATES, PQFP144
|
ATMEL Corporation 聚兴科技股份有限公司 Atmel Corp. Atmel, Corp. http://
|
XC4005E-4PG156I |
XC4000E and XC4000X Series Field Programmable Gate Arrays
|
Xilinx, Inc
|
XC4000 XC4003 |
Third Generation Field-Programmable Gate Arrays
|
Xilinx, Inc
|
|